Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download LL101C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL 101A ... LL 101C Silizium-Schottky-Dioden fur die Oberflachenmontage 15 mA 40...60 V SOD 80 DO-213AA 0.05 g see page 18 siehe Seite 18
Surface Mount Si-Schottky Barrier Diodes Nominal current Nennstrom
0.3
0.1
1.45
Repetitive peak reverse voltage Periodische Spitzensperrspannung Glass case MiniMELF Glasgehause MiniMELF Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
3.5
Type
0.1
Dimensions / Mae in mm
Maximum ratings and Characteristics Type Typ LL 101C LL 101B LL 101A Repetitive peak reverse voltage Period. Spitzensperrspannung VRRM [V] 40 50 60
0.3
0.1
Grenz- und Kennwerte Forward voltage Durchlaspannung VF [V] / IF = 1 mA VF [V] / IF = 15 mA < 0.39 < 0.4 < 0.41 TA = 25 /C TA = 25/C VR = 30 V VR = 40 V VR = 50 V f = 1 MHz Ptot IFSM IR IR IR Ctot trr Tj TS RthA < 0.9 < 0.95 <1 400 mW1) 2A < 200 nA < 200 nA < 200 nA < 2.2 pF typ. 1 ns +200/C - 55...+200/C < 300 K/W 1)
Power dissipation - Verlustleistung Peak forward surge current, 10 :s squarewave Stostrom fur einen 10 :s Rechteckimpuls Leakage current, Tj = 25/C Sperrstrom Junction capacitance Sperrschichtkapazitat Reverse recovery time Sperrverzug LL101C LL101B LL101A VR = 0 V
IF = 5 mA through/uber IR = 5 A to/auf IR = 0.5 mA
Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
)
Valid provided that terminals are kept at ambient temperature Gultig wenn Anschlusse auf Umgebungstemperatur gehalten werden 01.10.2002
166


▲Up To Search▲   

 
Price & Availability of LL101C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X